Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1868-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP1868-AA3-R
Description  LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1868-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UP1868-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP1868-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP1868-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP1868-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP1868
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R207-015,A
LOW SATURATION VOLTAGE
PNP POWER TRANSISTOR
FEATURES
* Low saturation voltage with equivalent on-resistance be RCE(SAT)
about 40mΩ at 5A)
* High gain that can be replace parts for power MOSFET.
SOT-223
1
*Pb-free plating product number: UP1868L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UP1868-AA3-R
UP1868L-AA3-R
SOT-223
B
C
E
Tape Reel
UP1868L-AA3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AA3: SOT-223
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - UP1868-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP1868-AA3-B-R UTC-UP1868-AA3-B-R Datasheet
203Kb / 4P
LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
UP1868-AA3-C-R UTC-UP1868-AA3-C-R Datasheet
203Kb / 4P
LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
UP1868-AA3-E-R UTC-UP1868-AA3-E-R Datasheet
203Kb / 4P
LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
UP1868-AA3-F-R UTC-UP1868-AA3-F-R Datasheet
203Kb / 4P
LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
More results

Similar Description - UP1868-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TIP110A UTC-TIP110A Datasheet
57Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
UP1868 UTC-UP1868 Datasheet
203Kb / 4P
LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
logo
Central Semiconductor C...
CP709 CENTRAL-CP709_06 Datasheet
653Kb / 2P
Power Transistor PNP - Low Saturation Transistor Chip
logo
Unisonic Technologies
TIP110A UTC-TIP110A_09 Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
UP1868 UTC-UP1868_15 Datasheet
188Kb / 4P
LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
TIP110A UTC-TIP110A_15 Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
DXT751Q DIODES-DXT751Q Datasheet
470Kb / 6P
60V PNP LOW SATURATION POWER TRANSISTOR
Rev 1
ZXTP19020CFF DIODES-ZXTP19020CFF_16 Datasheet
337Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
ZXTP19020DFF DIODES-ZXTP19020DFF_17 Datasheet
369Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com