Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9971L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP9971L-S08-R
Description  5A, 60V N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP9971L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UP9971L-S08-R Datasheet HTML 1Page - Unisonic Technologies UP9971L-S08-R Datasheet HTML 2Page - Unisonic Technologies UP9971L-S08-R Datasheet HTML 3Page - Unisonic Technologies UP9971L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP9971
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-294.C
5A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UP9971 uses UTC’s advanced technology to
provide excellent RDS(ON), low gate charge and operation with low
gate voltages. This device is suitable for being used as a load
switch or in PWM applications.
FEATURES
* RDS(ON)<60 mΩ @VGS=10V
* RDS(ON)<72 mΩ @VGS=4.5V
* Ultra low gate charge ( typical 32.5 nC )
* Low reverse transfer Capacitance ( CRSS = typical 109 pF )
* Fast switching capability
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
(7) (8)
1.Drain
(4)
2.Gate
(2)
1.Gate
(1)
1.Source
(3)
2.Source
(5) (6)
2.Drain
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UP9971L-D08-T
UP9971G-D08-T
DIP-8
Tube
UP9971L-S08-R
UP9971G-S08-R
SOP-8
Tape Reel
UP9971L-S08-T
UP9971G-S08-T
SOP-8
Tube


Similar Part No. - UP9971L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP9971L-D08-T UTC-UP9971L-D08-T Datasheet
244Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results

Similar Description - UP9971L-S08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
Dec-1998
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
logo
Hi-Sincerity Mocroelect...
H4946S HSMC-H4946S Datasheet
236Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET (60V, 5A)
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
Rohm
RD3L050SN ROHM-RD3L050SN Datasheet
2Mb / 16P
Nch 60V 5A Power MOSFET
RD3L050SNFRA ROHM-RD3L050SNFRA Datasheet
2Mb / 15P
Nch 60V 5A Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com