Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8026L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UPC8026L-S08-R
Description  30V, 13A N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPC8026L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UPC8026L-S08-R Datasheet HTML 1Page - Unisonic Technologies UPC8026L-S08-R Datasheet HTML 2Page - Unisonic Technologies UPC8026L-S08-R Datasheet HTML 3Page - Unisonic Technologies UPC8026L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UPC8026
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-600.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain-Gate Voltage (RGS=20kΩ)
VDGR
30
V
Continuous (Note 2)
ID
13
A
Drain Current
Pulsed (Note 2)
IDM
52
A
Avalanche Current
IAR
13
A
Single Pulsed (Note 4)
EAS
44
mJ
Avalanche Energy
Repetitive (Note 3, 5)
EAR
0.048
mJ
Power Dissipation (Nota 3)
PD
1.9
W
Channel Temperature
TCH
150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Ensure that the channel temperature does not exceed 150°C.
3. Device mounted on a glass-epoxy board FR-4,25.4×25.4×0.8(unit: mm)
4. VDD=24V, TCH =25°C (initial), L=0.2mH, IAR = 13A
5. Repetitive rating: pulse width limited by max channel temperature
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Nota 3)
θJA
65.8
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com