Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8026L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPC8026L-S08-R
Description  30V, 13A N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPC8026L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UPC8026L-S08-R Datasheet HTML 1Page - Unisonic Technologies UPC8026L-S08-R Datasheet HTML 2Page - Unisonic Technologies UPC8026L-S08-R Datasheet HTML 3Page - Unisonic Technologies UPC8026L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPC8026
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-600.a
30V, 13A N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UPC8026 is an N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide customers with a
minimum on-state resistance, low leakage current and high forward
transfer admittance.
FEATURES
* VDS = 30V, ID = 13A
* RDS(ON)=0.0051Ω @ VGS=10V,
RDS(ON)=0.0075Ω @ VGS=4.5V
* High forward transfer admittance: |Yfs|=30S
* Low leakage current: IDSS<10μA @ VDS=30 V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UPC8026L-S08-R
UPC8026G-S08-R
SOP-8
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UPC8026L-S08-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UPC8026L-S08-R DOINGTER-UPC8026L-S08-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UPC8026L-S08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
414Kb / 6P
P-Channel PowerTrench MOSFET -30V, -13A, 9mOhm
logo
Unisonic Technologies
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
13N50 UTC-13N50_11 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
Rohm
RQ3E130BN ROHM-RQ3E130BN Datasheet
2Mb / 12P
Nch 30V 13A Middle Power MOSFET
RSS130N03FRA ROHM-RSS130N03FRA Datasheet
2Mb / 14P
Nch 30V 13A Power MOSFET
RQ3E130MN ROHM-RQ3E130MN Datasheet
622Kb / 11P
Nch 30V 13A Power MOSFET
logo
Will Semiconductor Ltd.
WNM3030 WILLSEMI-WNM3030 Datasheet
1Mb / 8P
Single N-Channel, 30V, 13A, Power MOSFET
WNMD2181 WILLSEMI-WNMD2181 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 13A, Power MOSFET
logo
Rohm
RS3E130AT ROHM-RS3E130AT Datasheet
2Mb / 15P
Pch -30V -13A Power MOSFET
RSS130N03HZG ROHM-RSS130N03HZG Datasheet
2Mb / 14P
Nch 30V 13A Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com