Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5421 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LS5421
Description  5 mm T1 3/4 LED, Non Diffused Super-Bright LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5421 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LS5421 Datasheet HTML 1Page - Siemens Semiconductor Group LS5421 Datasheet HTML 2Page - Siemens Semiconductor Group LS5421 Datasheet HTML 3Page - Siemens Semiconductor Group LS5421 Datasheet HTML 4Page - Siemens Semiconductor Group LS5421 Datasheet HTML 5Page - Siemens Semiconductor Group LS5421 Datasheet HTML 6Page - Siemens Semiconductor Group LS5421 Datasheet HTML 7Page - Siemens Semiconductor Group LS5421 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
11.96
5 mm (T1 3/
4) LED, Non Diffused
Super-Bright LED
LS 5421, LO 5411, LY 5421
LG 5411
Besondere Merkmale
q
eingefärbtes, klares Gehäuse
q
als optischer Indikator bei hohem Umgebungslicht
q
Lötspieße ohne Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, clear package
q
for use as optical indicator in bright ambient light
q
solder leads without stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Similar Part No. - LS5421

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LS5421 INFINEON-LS5421 Datasheet
75Kb / 9P
5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
LS5421-NR INFINEON-LS5421-NR Datasheet
75Kb / 9P
5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
LS5421-Q INFINEON-LS5421-Q Datasheet
75Kb / 9P
5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
LS5421-QT INFINEON-LS5421-QT Datasheet
75Kb / 9P
5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
LS5421-R INFINEON-LS5421-R Datasheet
75Kb / 9P
5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
More results

Similar Description - LS5421

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Infineon Technologies A...
LS5421 INFINEON-LS5421 Datasheet
75Kb / 9P
5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com