Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR10033-TN5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR10033-TN5-R
Description  2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR10033-TN5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR10033-TN5-R Datasheet HTML 1Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 2Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 3Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 4Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 5Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 6Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UR10033
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R102-023.B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
18
V
Ta=25℃
1000
mW
Power Dissipation
Derating above 25
°C
PD
8
mW/
°C
Junction Temperature
TJ
150
°C
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS (Ta=25℃)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Voltage
Vcc
4.0
16.0
V
ADJ Output current
Io1
1
A
3.3V Output current
Io2
1
A
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit, Ta=25℃, VCC=6V unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Bias Current
IB
Io1=0mA, Io2=0mA
0.8
1.5
mA
ADJ Output
Output Voltage 1
Vo1
Io1=500mA
1.225
1.25
1.275
V
Dropout Voltage 1
V
D1
Io1=500mA
0.25
0.5
V
Peak Output Current 1
Io1
1.0
1.7
A
Ripple Rejection 1
R.R.1
f=120Hz, ein=1Vrms
Io1=200mA
50
58
dB
Line Regulation 1
V
LINE1
Vcc=VOUT+1V ~ 16V, Io1=500mA
5
30
mV
Load Regulation 1
V
LOAD1
Io1=0mA ~ 1A
30
75
mV
Temperature Coefficient of Output
Voltage 1(Note1)
TCVO1
Io1=5mA, TJ=0 ~ 125℃
±0.01
%/℃
Short circuit Output Current 1
IOS1
Vcc=16V
270
mA
3.3V Output
Output Voltage 2
Vo2
Io2=500mA
3.234
3.30
3.366
V
Peak Output Current 2
Io2
1.0
1.7
A
Ripple Rejection 2
R.R.2
f=120Hz, ein=1Vrms
Io2=200mA
50
58
dB
Line Regulation 2
V
LINE2
Vcc=4V ~ 16V, Io1=500mA
5
30
mV
Load Regulation 2
V
LOAD2
Io2=0mA ~ 1A
30
75
mV
Temperature Coefficient of Output
Voltage 2(Note1)
TCVO2
Io2=5mA, TJ=0 ~ 125℃
±0.01
%/℃
Short circuit Output Current 2
IOS2
Vcc=16V
270
mA
Note: 1. Design Guarantee. (Outgoing inspection is not done on all products.)
2. This product is not designed for protection against radioactive rays.
3. All characteristic are measured with a capacity across the input (0.33µF) and the output (22µF).
Measurement is done at TA
T
J, and variations in the parameter of all measurement
(except for temperature coefficient of output voltage)caused by temperature change are not considered.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com