Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR10033-TN5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR10033-TN5-R
Description  2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR10033-TN5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR10033-TN5-R Datasheet HTML 1Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 2Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 3Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 4Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 5Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 6Page - Unisonic Technologies UR10033-TN5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR10033
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R102-023.B
2 CHANNEL LOW-DROPOUT
VOLTAGE REGULATOR
FEATURES
* Dual output: ADJ/1A, 3.3V/1A.
* Output voltage precision of ±2%.
* Output consists of PNP power transistor with low-dropout voltage.
* Built-in over current protection circuit (OCP).
* Built-in thermal shut down circuit (TSD).
* Ideal for hard disk drives applications.
1
TO-252-5
*Pb-free plating product number: UR10033L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
UR10033-TN5-R
UR10033L-TN5-R
TO-252-5
Tape Reel
UR10033-TN5-T
UR10033L-TN5-T
TO-252-5
Tube


Similar Part No. - UR10033-TN5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR10033-TN5-R UTC-UR10033-TN5-R Datasheet
222Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - UR10033-TN5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR3318 UTC-UR3318 Datasheet
161Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR5025 UTC-UR5025 Datasheet
160Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR5033 UTC-UR5033 Datasheet
160Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR3325 UTC-UR3325_08 Datasheet
186Kb / 8P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13318 UTC-UR13318 Datasheet
165Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13325 UTC-UR13325 Datasheet
186Kb / 8P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR15033 UTC-UR15033 Datasheet
210Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR10033 ETL-UR10033 Datasheet
107Kb / 7P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13325 ETL-UR13325 Datasheet
180Kb / 8P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR10033 UTC-UR10033_15 Datasheet
222Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com