Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA3366-R Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LA3366-R
Description  Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LA3366-R Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LA3366-R Datasheet HTML 1Page - Siemens Semiconductor Group LA3366-R Datasheet HTML 2Page - Siemens Semiconductor Group LA3366-R Datasheet HTML 3Page - Siemens Semiconductor Group LA3366-R Datasheet HTML 4Page - Siemens Semiconductor Group LA3366-R Datasheet HTML 5Page - Siemens Semiconductor Group LA3366-R Datasheet HTML 6Page - Siemens Semiconductor Group LA3366-R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
1998-09-18
Hyper 3 mm (T1) LED, Diffused
Hyper-Bright LED
LS 3366, LA 3366, LO 3366
LY 3366
Besondere Merkmale
q
eingefärbtes, diffuses Gehäuse
q
zur Einkopplung in Lichtleiter
q
als optischer Indikator einsetzbar
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, diffused package
q
optical coupling into light pipes
q
for use as optical indicator
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Similar Part No. - LA3366-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
PLL FM Multiplex Stereo Demodulator
LA3361 SANYO-LA3361 Datasheet
136Kb / 1P
PLL MULTIPLEX STEREO DEMODULATOR
LA3365 SANYO-LA3365 Datasheet
136Kb / 1P
PLL MULTIPLEX STEREO DEMODULATOR
More results

Similar Description - LA3366-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com