Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US202XL-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US202XL-AF5-R
Description  100m廓 POWER DISTRIBUTION SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US202XL-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US202XL-AF5-R Datasheet HTML 1Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 2Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 3Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 4Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 5Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US202
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-445.c
100mΩ POWER DISTRIBUTION
SWITCHES
DESCRIPTION
The US202 is a power distribution switch. It is particularly suitable
for self-powered and bus-powered USB (Universal Series bus)
applications. It has 23μA low quiescent supply current that meets the
requirements of battery-powered portable equipments.
A built-in charge pump is used to drive the N-channel N-MOSFET
that is free of parasitic body diode to eliminate any reversed current
flow across the switch when it is powered off.
The US202 incorporates some protection circuits such as current
limit and short protection circuits, soft start circuit, thermal shutdown
and UVLO (Under-voltage Lockout) protection circuits. The thermal
shutdown circuits protect this device from damage when over current
occurs, and the soft start circuits are used to prevent inrush current
when plug-in event occurs.
The US202 can be used in such applications such as
battery-powered equipments, motherboard USB power switchs, USB
device power switchs, hot-plug power supplies, battery-charger
circuits and so on.
FEATURES
* Input Voltage Varies From 2.2V to 6V
* Guaranteed Continuous Current: 1.1A
* High-Side NMOSFET: 100mΩ (TYP)
* Soft Start
* Current Limit:1.5A
* Thermal Protection
* Low Supply Current: 23μA
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US202XL-AF5-R
US202XG-AF5-R
SOT-25
Tape Reel


Similar Part No. - US202XL-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US202XL-AF5-R UTC-US202XL-AF5-R Datasheet
210Kb / 7P
100m??POWER DISTRIBUTION SWITCHES
More results

Similar Description - US202XL-AF5-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
100m POWER DISTRIBUTION SWITCHES
RT9701 RICHTEK-RT9701_07 Datasheet
285Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
100m??POWER DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_18 Datasheet
208Kb / 5P
100m POWER DISTRIBUTION SWITCHES
logo
Shenzhen Huazhimei Semi...
HM9701A HMSEMI-HM9701A Datasheet
382Kb / 4P
150m廓 Power Distribution Switches
HM9708 HMSEMI-HM9708 Datasheet
525Kb / 9P
200m廓 Power Distribution Switches
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com