Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US205XL-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US205XL-S08-R
Description  100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US205XL-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US205XL-S08-R Datasheet HTML 1Page - Unisonic Technologies US205XL-S08-R Datasheet HTML 2Page - Unisonic Technologies US205XL-S08-R Datasheet HTML 3Page - Unisonic Technologies US205XL-S08-R Datasheet HTML 4Page - Unisonic Technologies US205XL-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US205
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-609.A
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6
V
Enable Input Voltage
EN
-0.3~6
V
Power Dissipation, @TA=25°C
PD
0.3
W
Junction Temperature
TJ
150
°C
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Note:
RECOMMENDED OPERATING CONDITIONS (TA=25°C, unless otherwise specified) (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
2.7~5.5
V
Enable Input Voltage
EN
0~5.5
V
Junction Temperature
TJ
-40~100
°C
Ambient Temperature
TA
-40~85
°C
The device is not guaranteed to function outside its operating conditions.
Note:
ELECTRICAL CHARACTERISTICS
(VIN=5V, CIN=1uF, COUT=0.1uF, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operation Voltage
VIN
2.7
5
V
Under Voltage Lookout
VUVLO
VIN Falling
1.3
1.7
2.1
V
Under Voltage Lockout Hysteresis
ΔVUVLO
50
mV
Quiescent Current
IQ
EN=High
20
70
μA
Off Supply Current
ISHDN
EN=Low, VOUT=Open
1
μA
Off Switch Current
ILEAKAGE
EN=Low, VOUT=0
1
μA
On-Resistance
RDS(ON)
VIN=3.3V, IOUT=1.3A
100
120
mΩ
Current Limiting
ILIM
VIN=3.3V, VOUT=2.3V
1.5
2
2.5
A
Short Circuit Current
ISC_FB
VOUT=0V, Measured Prior
to Thermal Shutdown
0.4
0.8
1.5
A
Thermal shutdown Threshold
TSD
130
°C
Thermal shutdown Hysteresis
ΔTSD
20
°C
Low
VIL
VIN=2.7V ~ 5.5V
0.8
V
EN Threshold
High
VIH
VIN=2.7V ~ 5.5V
2
V
Enable Input Leakage
IEN
VEN=5.5V
1
μA
Output Turn-On Delay Time
TD_ON
VIN=5V, RLOAD=10Ω
60
100
μs
Output Turn-On Rise Time
TON
VIN=5V, RLOAD=10Ω
1
3
ms
Output Turn-Off Fall Time
TD_OFF
VIN=5V, RLOAD=10Ω
4
10
μs
Output Pull-Down Resistance During OFF
RDISCHARGE EN=Low
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com