Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US205XL-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US205XL-S08-R
Description  100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US205XL-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US205XL-S08-R Datasheet HTML 1Page - Unisonic Technologies US205XL-S08-R Datasheet HTML 2Page - Unisonic Technologies US205XL-S08-R Datasheet HTML 3Page - Unisonic Technologies US205XL-S08-R Datasheet HTML 4Page - Unisonic Technologies US205XL-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US205
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-609.A
APPLICATION INFORMATION
The UTC US205 is an enable input single N-MOSFET high-side power switches, optimized for self-powered and
bus-powered Universal Serial Bus (USB) applications. A charge pump circuitry is contained to drive the internal
MOSFET switch, the switch on resistance is 100mΩ, meets USB voltage droop requirements.
Input and Output
VIN (Input) is both the power supply connection for the internal circuitry driving the switch and the input (Drain
connection) of the power MOSFET switch. VOUT (Output) is the Source connection of the MOSFET and supplies
power to the load. In a typical circuit, current flows from VIN to VOUT toward the load. Since the switch is bidirectional
when enabled, if VOUT is greater than VIN, current will flow through the switch from VOUT to VIN.
There is no parasitic body diode between drain and source of the MOSFET, prevents reverse current flow if VOUT
is externally forced to a higher voltage than VIN when the chip is disabled (VEN < 0.8V).
D
S
G
Normal MOSFET
D
S
G
UTC US205
Chip Enable Input
If the EN pin is in a logic low condition the UTC US205 switch will be disabled. During this case, MOSFET and the
internal circuitry will be turned off, and the supply current is reduced to 0.1uA typical. When the EN is floating,
unpredictable operation may be caused. EN goes negative with respect to GND should not be allowed. The EN pin
can be directly tied to VIN.
Soft Start for Hot Plug-In Applications
The UTC US205 “soft-start” feature eliminates the upstream voltage droop caused by the large inrush current
during hot-plug events, and effectively isolates the power source from extremely large capacitive load, meets the
USB voltage droop requirements.
Under-Voltage Lockout
The UTC US205 internal Under-voltage lockout (UVLO) circuit prevents the MOSFET switch from turning on until
the input voltage exceeds approximately 1.75V. The internal MOSFET switch will be turned off if input voltage drops
below approximately 1.7V. Under-voltage detection functions only when the chip is enabled.
Current Limiting and Short-Circuit Protection
The UTC US205 protects the power supply and the load from damage by the current limit circuitry, but can deliver
load current up to the current limit threshold (typically 2A). If an enabled switch encounters a heavy load or short
circuit case, a large transient current may flow until the current limit circuitry responds. Once this current limit
threshold level is exceeded, the device enters constant current mode until the fault is removed or thermal shutdown
occurs.
Supply Filter/Bypass Capacitor
To prevent the input voltage drooping during hot-plug events, a 1uF low-ESR ceramic capacitor from VIN to GND is
strongly recommended. But higher capacitor values will further reduce the voltage droop on the input. Furthermore,
without the bypass capacitor, an output short may cause sufficient ringing on the input (from source lead inductance)
to destroy the internal circuitry. The input voltage transient must not exceed the absolute maximum supply voltage
6V even for a short duration.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com