Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US205XG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US205XG-S08-R
Description  100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US205XG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US205XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US205XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US205XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US205XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US205XG-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
US205
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-609.A
APPLICATION INFORMATION(Cont.)
Output Filter Capacitor
A low-ESR 150uF aluminum electrolytic or tantalum between VOUT and GND is strongly recommended to meet the
330mV maximum droop requirement in the hub VBUS (Per USB 2.0, output ports must have a minimum 120μF of
low-ESR bulk capacitance per hub). The bypass capacitor itself should have a low dissipation factor to allow
decoupling at higher frequencies.
Thermal Shutdown
Thermal shutdown is used to turn off the output MOSFET when the if the temperature is higher than130°C, 20°C
of hysteresis prevents the switch turn on until the die temperature drops to 110°C.
TYPICAL APPLICATION CIRCUIT
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com