Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US205XG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US205XG-S08-R
Description  100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US205XG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US205XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US205XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US205XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US205XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US205XG-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US205
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-609.A
100mΩ, 2A SLEW RATE
CONTROLLED LOAD SWITCH
DESCRIPTION
The UTC US205 is a cost-effective, low-voltage, low switch-on
resistance (typ. 100mΩ) high-side Power Switch IC. It has a 20μA
low quiescent supply current that meets the requirements of
battery-powered portable equipment.
The UTC US205 incorporates protection circuits, such as an
over-current protection circuit, a short fold back circuit, a thermal
shutdown circuit and an under-voltage lockout circuit for overall
protection. Besides, a slew rate controlled function is embedded for
turn-on rising time control.
The UTC US205 can be usedin applications, such as Cellular
Phones, Digital still Camera, Hot swap Supplies, Notebook
Computers, Personal Communication Devices, Personal Digital
Assistants and so on.
The UTC US205 is available in SOP-8 package.
FEATURES
* High-Side NMOSFET: 100mΩ (TYP)
* Input Voltage Varies From 2.7V to 5.5V
* Low Supply Current: 20μA
* Over Current Protection
* Short Circuit Protection
* Under Voltage Lockout
* Thermal Protection with Foldback
* Slew Rate Limited Turn-On Time 3ms (5V)
* Reverse Blocking Current
* RoHS Compliant
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
US205XL-S08-R
US205XG-S08-R
SOP-8
Tape Reel


Similar Part No. - US205XG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US205XG-S08-R UTC-US205XG-S08-R Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
More results

Similar Description - US205XG-S08-R

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Richtek Technology Corp...
RT9724 RICHTEK-RT9724 Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Unisonic Technologies
US205 UTC-US205_15 Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com