Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541L-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # CD4541L-S14-R
Description  PROGRAMMABLE TIMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4541L-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  CD4541L-S14-R Datasheet HTML 1Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 2Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 3Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 4Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 5Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 6Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CD4541
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-037.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ +18
V
Input Voltage
VIN
-0.5 ~ VDD+0.5
V
Power Dissipation
DIP-14
PD
700
mW
SOP-14/ TSSOP-14
500
Junction Temperature
TJ
125
℃
Operating Temperature
TOPR
-20 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
3 ~ 15
V
Input Voltage
VIN
0 ~ VDD
V
Operating Temperature
TOPR
-40 ~ +85
℃
DC ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Device Current
IDD
VDD= 5V, VIN=VDD or VSS
0.005
20
μA
VDD=10V, VIN=VDD or VSS
0.010
40
VDD=15V, VIN=VDD or VSS
0.015
80
Low Level Output Voltage
VOL
VDD=5V
0
0.05
V
VDD=10V, I IO I<1μA
0
0.05
VDD=15V
0
0.05
High Level Output Voltage
VOH
VDD=5V
4.95
5
V
VDD=10V, I IO I<1μA
9.95
10
VDD=15V
14.95
15
Low Level Input Voltage
VIL
VDD=5V, VO=0.5V or 4.5V
2
1.5
V
VDD=10V, VO=1.0V or 9.0V
4
3.0
VDD=15V, VO=1.5V or 13.5V
6
4.0
High Level Input Voltage
VIH
VDD=5V, VO=0.5V or 4.5V
3.5
3
V
VDD=10V, VO=1.0V or 9.0V
7.0
6
VDD=15V, VO=1.5V or 13.5V
11.0
9
Low Level Output Current (Note 1)
IOL
VDD=5V, VO=0.4V
1.96
3.6
mA
VDD=10V, VO=0.5V
2.66
9.0
VDD=15V, VO=1.5V
10.4
34.0
High Level Output Current (Note 1)
IOH
VDD=5V, VO=2.5V
4.27
130
mA
VDD=10V, VO=9.5V
2.25
8.0
VDD=15V, VO=13.5V
8.8
30.0
Input Current
IIN
VDD=15V, VIN=0V
-10
-5
-0.3
μA
VDD=15V, VIN=15V
10
-5
0.3
Notes: 1. IOH and IOL are tested one output at a time.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com