Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CD4541L-S14-R
Description  PROGRAMMABLE TIMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4541L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  CD4541L-S14-R Datasheet HTML 1Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 2Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 3Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 4Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 5Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 6Page - Unisonic Technologies CD4541L-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
CD4541
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., LTD
QW-R502-037.C
PROGRAMMABLE TIMER
DESCRIPTION
The CD4541 programmable timer comprise a 16-stage
binary counter, an integrated oscillator for use with an external
capacitor and two resistors, output control logic, and a special
power-on reset circuit. The counter divides the oscillator
frequency by any of 4 digitally controlled division ratios.
FEATURES
* Operates at 2
n frequency divider or as single transition timer
* Increments on positive edge clock transitions
* Wide supply voltage range: 3.0V ~ 15V
* Built-in low power RC oscillator
* Oscillator frequency range ~ DC to 100 kHz
* External clock applied to Pin 3 can be used instead of
* oscillator
* Available division ratios 2
8, 210, 213, or 216
* High noise immunity: 0.45 VDD (typ)
* Master reset totally independent of automatic reset operation
* Automatic reset initializes all counters when power turns on
* Q/Q select provides output logic level flexibility
* High output drive min. one TTL load
* Maximum input leakage 1μA at 15V over full temperature
* range
DIP-14
SOP-14
TSSOP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
CD4541L-D14-T
CD4541G-D14-T
DIP-14
Tube
CD4541L-S14-R
CD4541G-S14-R
SOP-14
Tape Reel
CD4541L-S14-T
CD4541G-S14-T
SOP-14
Tube
CD4541L-P14-R
CD4541G-P14-R
TSSOP-14
Tape Reel
CD4541L-P14-T
CD4541G-P14-T
TSSOP-14
Tube


Similar Part No. - CD4541L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CD4541L-S14-R UTC-CD4541L-S14-R Datasheet
308Kb / 7P
PROGRAMMABLE TIMER
More results

Similar Description - CD4541L-S14-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
PROGRAMMABLE TIMER
Nov-1996
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com