Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT12N10L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT12N10L-TN3-R
Description  12 Amps, 100 Volts N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT12N10L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT12N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT12N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-508.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous
ID
12
A
Drain Current
Pulsed (Note 1)
IDM
44
A
Power Dissipation
PD
43
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note:
Note:1
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Repetitive Rating: Pulse width limited by maximum junction temperature
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 2)
θJA
50
°C/W
Junction to Case
θJC
3.5
°C/W
Note:
Note:2
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal
reference is defined as the solder mounting surface of the drain pins.
θJC is guaranteed by design while θJA is determined by the user’s board design.
When mounted on a 1 in
2 pad of 2 oz copper



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com