Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT12N10L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT12N10L-TN3-R
Description  12 Amps, 100 Volts N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT12N10L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT12N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT12N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-508.b
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=100V, VGS=0V
1
µA
Forward
VGS=+20V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
(Note 1)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=6A
150 180 mΩ
Forward Transconductance
gFS
VDS=10V, ID=6A
5
S
DYNAMIC PARAMETERS
(Note 2)
Input Capacitance
CISS
430
pF
Output Capacitance
COSS
90
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
20
pF
SWITCHING PARAMETERS
(Note 2)
Total Gate Charge
QG
8
16
nC
Gate to Source Charge
QGS
1.5
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=80V, ID=12A
2
nC
Turn-ON Delay Time
tD(ON)
12
24
ns
Rise Time
tR
7
14
ns
Turn-OFF Delay Time
tD(OFF)
18
35
ns
Fall-Time
tF
VDD=80V, ID=12A, VGS=10V,
RG=9.1Ω
3
6
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
12
A
Drain-Source Diode Forward Voltage
(Note 1)
VSD
IS=12A, VGS=0V
1.2
V
Note: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com