Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT40N03L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT40N03L-TN3-R
Description  40 Amps, 30 Volts N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT40N03L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT40N03L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT40N03L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT40N03L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT40N03L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT40N03L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT40N03
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-160.C
40 Amps, 30 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UT40N03 power MOSFET provide the designer with the
best combination of fast switching,ruggedized device design, low
on-resistance and cost-effectiveness
FEATURES
* RDS(ON) = 17mΩ @VGS = 10 V
* Low capacitance
* Optimized gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT40N03L-TN3-R
UT40N03G-TN3-R
TO-252
G
D
S
Tape Reel
UT40N03L-TM3-T
UT40N03G-TM3-T
TO-251
G
D
S
Tube


Similar Part No. - UT40N03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT40N03L-TN3-R VBSEMI-UT40N03L-TN3-R Datasheet
1,018Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UT40N03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4302 ONSEMI-NTD4302 Datasheet
85Kb / 10P
Power MOSFET 68 Amps, 30 Volts(N-Channel DPAK)
October, 2010 ??Rev. 8
logo
Unisonic Technologies
30N06 UTC-30N06 Datasheet
154Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
SFF40N30N SSDI-SFF40N30N Datasheet
236Kb / 2P
40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFF40N30B SSDI-SFF40N30B Datasheet
202Kb / 2P
40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFF40N30-3 SSDI-SFF40N30-3 Datasheet
199Kb / 2P
40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFF1310M SSDI-SFF1310M Datasheet
60Kb / 2P
40 AMPS 200 VOLTS 0.050 廓 N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
UT65N03 UTC-UT65N03 Datasheet
144Kb / 3P
65 Amps, 30 Volts, 3.7m廓 N-CHANNEL POWER MOSFET
UT85N03 UTC-UT85N03 Datasheet
151Kb / 3P
85 Amps, 30 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
50N03 KIA-50N03 Datasheet
61Kb / 3P
50 Amps, 30 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com