Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT45N03L-TM3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT45N03L-TM3-R
Description  40A, 25V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT45N03L-TM3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT45N03L-TM3-R Datasheet HTML 1Page - Unisonic Technologies UT45N03L-TM3-R Datasheet HTML 2Page - Unisonic Technologies UT45N03L-TM3-R Datasheet HTML 3Page - Unisonic Technologies UT45N03L-TM3-R Datasheet HTML 4Page - Unisonic Technologies UT45N03L-TM3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT45N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-165.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
25
V
Gate-Source Voltage
VGSS
±15
V
Continuous Drain Current
ID
40
A
Pulsed Drain Current (Note 1)
IDM
160
A
Power Dissipation
PD
65
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
Junction to Case
θJC
1.92
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
25
V
Drain-Source Leakage Current
IDSS
VDS=25V, VGS =0V
0.05
10
µA
Drain-Source Breakdown Voltage
IGSS
VDS =0V, VGS = ±5V
10
100
nA
ON CHARACTERISTICS
Gate-Threshold Voltage
VGS(TH)
VDS =VGS, ID = 1mA
1
1.5
2
V
Drain-Source On-State Resistance
RDS(ON)
VGS=5V, ID=25A
17.5
24
mΩ
VGS=10V, ID=25A
13
21
VGS=3.5V, ID=5.2A
22
40
DYNAMICCHARACTERISTICS
Input Capacitance
CISS
VDS =25 V, VGS =0V, f=1MHz
700
pF
Output Capacitance
COSS
290
Reverse Transfer Capacitance
CRSS
200
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VGS = 10 V, VDD =15 V,
ID = 15 A, RG = 6Ω
10
20
ns
Turn-ON Rise Time
tR
60
90
Turn-OFF Delay Time
tD(OFF)
35
60
Turn-OFF Fall-Time
tF
40
60
Total Gate Charge
QG
VDD =24V,VGS =5V, ID =40 A
19
nC
Gate-to-Source Charge
QGS
5
Gate-to-Drain Charge
QGD
8
11
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=25A,VGS=0V
0.95
1.2
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
40
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
160
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com