Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT45N03L-TM3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT45N03L-TM3-R
Description  40A, 25V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT45N03L-TM3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT45N03L-TM3-R Datasheet HTML 1Page - Unisonic Technologies UT45N03L-TM3-R Datasheet HTML 2Page - Unisonic Technologies UT45N03L-TM3-R Datasheet HTML 3Page - Unisonic Technologies UT45N03L-TM3-R Datasheet HTML 4Page - Unisonic Technologies UT45N03L-TM3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT45N03
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-165.C
40A, 25V N-CHANNEL
POWER MOSFET
FEATURES
* RDS(ON) = 21mΩ @VGS = 10 V
* Low capacitance
* Optimized gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT45N03L-TM3-R
UT45N03G-TM3-R
TO-251
G
D
S
Tube
UT45N03L-TN3-T
UT45N03G-TN3-T
TO-252
G
D
S
Tube
UT45N03L-TN3-R
UT45N03G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UT45N03L-TM3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT45N03L-TN3-R VBSEMI-UT45N03L-TN3-R Datasheet
1,018Kb / 8P
N-Channel 30-V (D-S) MOSFET
UT45N03L-TN3-T VBSEMI-UT45N03L-TN3-T Datasheet
1,018Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UT45N03L-TM3-R

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT7103 ANALOGICTECH-AAT7103 Datasheet
131Kb / 4P
25V N-Channel Power MOSFET
logo
Hi-Sincerity Mocroelect...
H40N03E HSMC-H40N03E Datasheet
54Kb / 5P
N-Channel Enhancement-Mode MOSFET (25V, 40A)
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
25V N-Channel MOSFET
logo
STMicroelectronics
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5_09 Datasheet
923Kb / 15P
N-channel 25V, 0.01 OHM, 40A, DPAK, IPAK STripFET V Power MOSFET
10-Sep-2009
logo
Taiwan Semiconductor Co...
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
25V N-Channel MOSFET
logo
Unisonic Technologies
UT50N03 UTC-UT50N03 Datasheet
334Kb / 6P
45A, 25V N-CHANNEL POWER MOSFET
UT3055 UTC-UT3055 Datasheet
158Kb / 2P
12A, 25V N-CHANNEL POWER MOSFET
UT75N02 UTC-UT75N02 Datasheet
147Kb / 4P
75A, 25V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD16401Q5 TI1-CSD16401Q5_15 Datasheet
361Kb / 13P
25V N-Channel NexFET Power MOSFET
CSD16415Q5 TI1-CSD16415Q5_15 Datasheet
948Kb / 16P
25V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com