Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1200 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC1200
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1200 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC1200 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
©2008, 2010-2011 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC1200
Instrumentation Amplifier
FEATURES
n
±2.3V to ±18V supply voltage range
n
Gain range of 1 to 10,000
n
Gain set with one external resistor
n
±125μV maximum input offset voltage
n
0.1μV/°C input offset drift
n
700kHz bandwidth at G = 1
n
1.2V/μs slew rate
n
90dB minimum CMRR at G = 10
n
2.2mA maximum supply current
n
6.6nV/√Hz input voltage noise
n
70nV/√Hz output voltage noise
n
0.2μVpp noise (0.1Hz to 10Hz)
n
DIP-8 or Pb-free SOIC-8
APPLICATION S
n
Bridge amplifier
n
Scales
n
Thermocouple amplifier
n
ECG and medical instrumentation
n
MRI (Magnetic Resonance Imaging)
n
Patient Monitors
n
Transducer interface
n
Data acquisition systems
n
Strain gauge amplifier
n
Industrial process controls
General Description
The CLC1200 is a low power, general purpose instrumentation amplifier with
a gain range of 1 to 10,000. The CLC1200 is offered in 8-lead SOIC or DIP
packages and requires only one external gain setting resistor making it small-
er and easier to implement than discrete, 3-amp designs.
While consuming only 2.2mA of supply current, the CLC1200 offers a low
6.6nV/Hz input voltage noise and 0.2μVpp noise from 0.1Hz to 10Hz.
The CLC1200 offers a low input offset voltage of ±125μV that only varies
0.1μV/°C over it’s operating temperature range of -40°C to +85°C. The
CLC1200 also features 50ppm maximum nonlinearity. These features make it
well suited for use in data acquisition systems.
Functional Block Diagram
-IN
RG
OUT
+IN
REF
Competitive Comparison Plots (continued on page 9)
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1200ISO8
SOIC-8
Yes
Yes
-40°C to +85°C
Rail
CLC1200ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC1200IDP8
DIP-8
Yes
Yes
-40°C to +85°C
Rail
Moisture sensitivity level for all parts is MSL-1.
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
0.0001
0.001
0.01
0.1
1
10
Frequency (MHz)
CLC1200
Competitor A
VOUT = 0.2Vpp
RL = 2kΩ
G = 1
VS = ±15V


Similar Part No. - CLC1200

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1200IDP8 EXAR-CLC1200IDP8 Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1200ISO8EVB EXAR-CLC1200ISO8EVB Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1200ISO8MTR EXAR-CLC1200ISO8MTR Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1200ISO8X EXAR-CLC1200ISO8X Datasheet
1Mb / 15P
Instrumentation Amplifier
More results

Similar Description - CLC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1201 CADEKA-CLC1201 Datasheet
1Mb / 15P
Instrumentation Amplifier
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
INSTRUMENTATION AMPLIFIER
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com