Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1200 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC1200
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1200 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC1200 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
©2008, 2010-2011 CADEKA Microcircuits LLC
www.cadeka.com
10
Typical Competitive Comparison Plots
TA = 25°C, Vs = ±15V, RL = 2kΩ, CADEKA evaluation board; unless otherwise noted.
Large Signal Settling Time (G = 1)
Large Signal Settling Time (G = 10)
Frequency Response (G = 100)
Frequency Response (G = 1,000)
Frequency Response (G = 1)
Frequency Response (G = 10)
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
0.0001
0.001
0.01
0.1
1
10
Frequency (MHz)
CLC1200
Competitor A
VOUT = 0.2Vpp
RL = 2kΩ
G = 1
VS = ±15V
-7
-6
-5
-4
-3
-2
-1
0
1
0.0001
0.001
0.01
0.1
1
10
Frequency (MHz)
Competitor A
CLC1200
VOUT = 0.2Vpp
RL = 2kΩ
G = 10
VS = ±15V
-7
-6
-5
-4
-3
-2
-1
0
1
0.0001
0.001
0.01
0.1
1
10
Frequency (MHz)
Competitor A
CLC1200
VOUT = 0.2Vpp
RL = 2kΩ
G = 100
VS = ±15V
-7
-6
-5
-4
-3
-2
-1
0
1
0.0001
0.001
0.01
0.1
1
10
Frequency (MHz)
Competitor A
CLC1200
VOUT = 0.2Vpp
RL = 2kΩ
G = 1,000
VS = ±15V
-0.050
-0.025
0.000
0.025
0.050
0.075
0.100
0.125
0.150
25
35
45
55
65
75
Time (us)
Competitor A
CLC1200
VOUT = 0.1Vpp
CL = 100pF
-0.025
0.000
0.025
0.050
0.075
0.100
0.125
25
35
45
55
65
75
Time (us)
Competitor A
CLC1200
VOUT = 0.1Vpp
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com