Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1201 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC1201
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1201 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC1201 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 15Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
©2011 CADEKA Microcircuits LLC
www.cadeka.com
13
Grounding
The output voltage of the CLC1201 is developed with
respect to the potential on the reference terminal (pin 8).
Simply tie the REF pin to the appropriate “local ground” to
resolve many grounding problems.
To isolate low level analog signals from a noisy digital
environment, many data-aquisistion components have
separate analog and digital ground pins. Use separate
ground lines (analog and digital) to minimize current flow
from sensitive areas to system ground. These ground
returns must be tied together at some point, usually best
at the ADC.
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. CADEKA has evaluation
boards to use as a guide for high frequency layout and as
an aid in device testing and characterization. Follow the
steps below as a basis for high frequency layout:
Include 6.8µF and 0.1µF ceramic capacitors for power
supply decoupling
Placethe6.8µFcapacitorwithin0.75inchesofthepowerpin
Placethe0.1µFcapacitorwithin0.1inchesofthepowerpin
Remove the ground plane under and around the part,
especially near the input and output pins to reduce
parasitic capacitance
Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more
information.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB024
CLC1201 in SOIC-8
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in
Figures 5-7. These evaluation boards are built for dual-
supply operation. Follow these steps to use the board in a
single-supply application:
1. Short -Vs to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.
Figure 5. CEB00x Schematic
Figure 6. CEB024 Top View
Figure 7. CEB024 Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com