Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1201 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CLC1201
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1201 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CLC1201 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1201 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
©2011 CADEKA Microcircuits LLC
www.cadeka.com
3
Electrical Characteristics
TA = 25°C, Vs = ±15V, RL = 2kΩ to GND; unless otherwise noted.
G = 1 + (49.4kΩ / RG); Total RTI Error = VOSI + (VOSO / G)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Gain
Gain Range
1
10,000
Gain Error
G = 1, VOUT = ±10V
-0.1
0.1
%
G = 10, VOUT = ±10V
-0.375
0.375
%
G = 100, VOUT = ±10V
-0.375
0.375
%
G = 1,000, VOUT = ±10V
-0.8
0.8
%
Nonlinearity
G = 1 - 100, VOUT = -10V to 10V, RL = 10kΩ
10
50
ppm
G = 1 - 100, VOUT = -10V to 10V, RL = 2kΩ
10
95
ppm
Gain vs. Temperature
G = 1
<10
ppm/°C
G > 1
<-50
ppm/°C
Reference Gain Error(2)
VS = ±16.5
-0.03
0.03
%
Voltage Offset
VOSI
Input Offset Voltage
VS = ±4.5 to ±16.5
-125
125
μV
VS = ±4.5 to ±16.5, -45°C to +85°C
-225
225
μV
Average Temperature Coefficient
VS = ±4.5 to ±16.5
0.1
μV/°C
VOSO
Output Offset Voltage
VS = ±4.5 to ±16.5, G = 1
-1500
200
1500
μV
VS = ±4.5 to ±16.5, -45°C to +85°C
-2000
2000
μV
Average Temperature Coefficient
VS = ±4.5 to ±16.5
2.5
μV/°C
PSR
Offset Referred to the Input vs. Supply
G = 1, VS = ±2.3 to ±18V
80
100
dB
G = 10, VS = ±2.3 to ±18V
95
120
dB
G = 100, VS = ±2.3 to ±18V
110
140
dB
G = 1,000, VS = ±2.3 to ±18V
110
140
dB
Input Current
IB
Input Bias Current
VS = ±16.5
-2
0.5
2
nA
VS = ±16.5, -45°C to +85°C
-5
5
nA
Average Temperature Coefficient
VS = ±16.5
3
pA/°C
IOS
Input Offset Current
VS = ±16.5
-1
1
nA
VS = ±16.5, -45°C to +85°C
-2
2
nA
Input
Input Impedance
Differential
10, 2
GΩ, pF
Common-Mode
10, 2
GΩ, pF
Input Voltage Range(3)
VS = ±4.5, G = 1
-VS +1.9
+VS -1.2
V
VS = ±16.5, G = 1
-VS +1.9
+VS -1.4
V
CMRR
Common Mode Rejection Ratio
G = 1, VS = ±16.5V
70
90
dB
G = 10, VS = ±16.5V
90
110
dB
G = 100, VS = ±16.5V
108
130
dB
G = 1,000, VS = ±16.5V
108
130
dB
Output
VOUT
Output Swing
VS = ±2.3V to ±4.5V
-VS +1.1
+VS -1.2
V
VS = ±4.5, -45°C to +85°C
-VS +1.6
+VS -1.3
V
VS = ±18, G = 1
-VS +1.4
+VS -1.2
V
VS = ±16.5, G = 1,-45°C to +85°C
-VS +1.5
+VS -2.3
V
ISC
Short Circuit Current
±20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com