Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3471 Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TCS3471
Description  COLOR LIGHT-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS3471 Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TCS3471 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TCS3471
COLOR LIGHT-TO-DIGITAL CONVERTER
TAOS115 − MARCH 2011
13
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Enable Register (0x00)
The Enable register is used primarily to power the TCS3471 device on and off, and enable functions and
interrupts as shown in Table 3.
Table 3. Enable Register
6
75
4
PON
2
31
0
ENABLE
Reserved
AIEN
Address
0x00
AEN
WEN
Reserved
FIELD
BITS
DESCRIPTION
Reserved
7:5
Reserved. Write as 0.
AIEN
4
RGBC interrupt enable. When asserted, permits RGBC interrupts to be generated.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait timer. Writing a 0 disables the
wait timer.
Reserved
2
Reserved. Write as 0.
AEN
1
RGBC enable. This bit actives the two-channel ADC. Writing a 1 activates the RGBC. Writing a 0 disables
the RGBC.
PON1
0
Power ON. This bit activates the internal oscillator to permit the timers and ADC channels to operate.
Writing a 1 activates the oscillator. Writing a 0 disables the oscillator. During reads and writes over the I2C
interface, this bit is temporarily overridden and the oscillator is enabled, independent of the state of PON.
NOTE 1: A minimum interval of 2.4 ms must pass after PON is asserted before an RGBC can be initiated.
RGBC Timing Register (0x01)
The RGBC timing register controls the internal integration time of the RGBC clear and IR channel ADCs in
2.4-ms increments. Max RGBC Count = (256 − ATIME)
× 1024 up to a maximum of 65535.
Table 4. RGBC Timing Register
FIELD
BITS
DESCRIPTION
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.4 ms
1024
0xF6
10
24 ms
10240
0xD5
42
101 ms
43008
0xC0
64
154 ms
65535
0x00
256
700 ms
65535
Wait Time Register (0x03)
Wait time is set 2.4 ms increments unless the WLONG bit is asserted, in which case the wait times are 12
×
longer. WTIME is programmed as a 2’s complement number.
Table 5.
Wait Time Register
FIELD
BITS
DESCRIPTION
WTIME
7:0
REGISTER VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0xFF
1
2.4 ms
0.029 sec
0xAB
85
204 ms
2.45 sec
0x00
256
614 ms
7.4 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com