Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3471 Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TCS3471
Description  COLOR LIGHT-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS3471 Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TCS3471 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TCS3471
COLOR LIGHT-TO-DIGITAL CONVERTER
TAOS115 − MARCH 2011
4
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Optical Characteristics, VDD = 3 V, TA = 255C, GAIN = 16, ATIME = 0xF6 (unless otherwise noted) (see
Note 1)
PARAMETER
TEST
Red Channel
Green Channel
Blue Channel
Clear Channel
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
λD = 465 nm
See Note 2
0%
15%
10%
42%
65%
88%
19.2
24
28.8
Re
Irradiance
responsivity
λD = 525 nm
See Note 3
8%
25%
60%
85%
9%
35%
22.4
28
33.6
(counts/
μW/
cm2)
responsivity
λD = 625 nm
See Note 4
85%
110%
0%
15%
5%
25%
27.2
34
40.8
cm2)
NOTES: 1. The percentage shown represents the ratio of the respective red, green, or blue channel value to the clear channel value.
2. The 465 nm input irradiance is supplied by an
InGaN light-emitting diode with the following characteristics:
dominant wavelength
λD = 465 nm, spectral halfwidth Δλ½ = 22 nm, and luminous efficacy = 75 lm/W.
3. The 525 nm input irradiance is supplied by an
InGaN light-emitting diode with the following characteristics:
dominant wavelength
λD = 525 nm, spectral halfwidth Δλ½ = 35 nm, and luminous efficacy = 520 lm/W.
4. The 625 nm input irradiance is supplied by a Al
InGaP light-emitting diode with the following characteristics:
dominant wavelength
λD = 625 nm, spectral halfwidth Δλ½ = 9 nm, and luminous efficacy = 155 lm/W.
RGBC Characteristics, VDD = 3 V, TA = 255C, AGAIN = 16, AEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dark ADC count value
Ee = 0, AGAIN = 60
×, ATIME = 0xD6 (100 ms)
0
1
5
counts
ADC integration time step size
ATIME = 0xFF
2.27
2.4
2.56
ms
ADC number of integration steps
1
256
steps
ADC counts per step
0
1024
counts
ADC count value
ATIME = 0xC0 (153.6 ms)
0
65535
counts
Gi
li
lti
t 1
× i
4
×
3.8
4
4.2
Gain scaling, relative to 1
× gain
16
×
15
16
16 8
%
Gain scaling, relative to 1
× gain
setting
16
×
15
16
16.8
%
setting
60
×
58
60
63
%
Wait Characteristics, VDD = 3 V, TA = 255C, Gain = 16, WEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
UNIT
Wait step size
WTIME = 0xFF
2.27
2.4
2.56
ms
Wait number of steps
1
256
steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com