Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT912DG-S20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT912DG-S20-R
Description  DECODERS FOR REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912DG-S20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT912DG-S20-R Datasheet HTML 1Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 2Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 3Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 4Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 5Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 6Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 7Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UT912D
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-044.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ +13
V
Input Voltage
VIN
Vss-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
-20 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note:Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, VDD=5V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VOPR
2.4
5
12
V
VDD=5V
0.1
1
Standby Current
ISTN-BY
Oscillator stops
VDD=12V
2
4
μ
A
Operating Current
IOPR
No load, fOSC=150kHz, VDD=5V
159
400
μ
A
VOH=4.5V (Source)
-1
-1.99
Data Output Current (D8~D11)
IDOUT
VDD=5V
VOL=0.5V (Sink)
1
1.9
mA
VOH=4.5V (Source)
-1
-1.564
VT Output Current
IVT
VDD=5V
VOL=0.5V (Sink)
1
1.53
mA
High
VIH
3.5
5
V
Input Voltage
Low
VIL
0
1
V
Oscillator Frequency
fosc
Rosc=51KΩ, VDD=5V
149
kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com