Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT912DG-S20-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UT912DG-S20-R
Description  DECODERS FOR REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912DG-S20-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UT912DG-S20-R Datasheet HTML 1Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 2Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 3Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 4Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 5Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 6Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 7Page - Unisonic Technologies UT912DG-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UT912D
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-044.B
OSCILLATOR FREQUENCY VS SUPPLY VOLTAGE
2
3
45
6
7
8
910
11
12
13 VDD (VDC)
0.25
0.50
(100kHz) 1.00
2.00
3.00
3.50
4.00
fosc
(Scale)
27kΩ
2.50
1.50
30kΩ
33kΩ
36kΩ
39kΩ
43kΩ
47kΩ
51kΩ
56kΩ
62kΩ
68kΩ
75kΩ
82kΩ
100kΩ
120kΩ
150kΩ
180kΩ
220kΩ
Rosc (Ω )
Note: The recommended oscillator frequency is fOSCD (decoder)≌50 fOSCE (UTC UT912E encoder)
U T C assu m e s no re sponsib ility fo r equipm ent fa ilures that re su lt from using products at v a lu es th at
ex ceed, ev en m o m entarily , ra ted v a lues (suc h as m ax im u m ra tings, operating condition ranges, or
other param eters) listed in products specific atio ns of any and all U T C products described or contained
herein . U T C products are not designed fo r use in life support appliances, dev ic es or sy stem s w here
m a lfun ction of these products can be reasonably ex pected to re sult in personal in ju ry . R e production in
w hole or in pa rt is prohib ited w ithout the prio r w ritten consent of the copyrigh t ow ner. T he in fo rm atio n
presented in th is docum ent does not fo rm part of any quotation or contra ct, is be lie v ed to be ac cura te
and re liable and m a y be changed w ithout notic e.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com