Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25713 Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL25713
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL25713 Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL25713 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TSL2571
LIGHT-TO-DIGITAL CONVERTER
TAOS117A − FEBRUARY 2011
10
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
State Diagram
Figure 8 shows a more detailed flow for the state machine. The device starts in the sleep mode. The PON bit
is written to enable the device. A 2.72-ms delay will occur before entering the start state.
If the WEN bit is set, the state machine will then cycle through the wait state. If the WLONG bit is set, the wait
cycles are extended by 12
× over normal operation. When the wait counter terminates, the state machine will
step to the ALS state.
The AEN should always be set. In this case, a minimum of 1 integration time step should be programmed. The
ALS state machine will continue until it reaches the terminal count at which point the data will be latched in
the ALS register and the interrupt set, if enabled.
PON = 1
PON = 0
Sleep
ALS
Check
Wait
Check
Start
Wait
WEN = 1
ALS
1 to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
120 Hz Minimum − 8 ms
100 Hz Minimum − 10 ms
WLONG = 0
1 to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
Minimum − 2.72 ms
WLONG = 1
1 to 256 steps
Step: 32.64 ms
Time: 32.64 ms − 8.35 s
Minimum − 32.64 ms
ALS
Delay
AEN = 1
2.72 ms
Figure 8. Expanded State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com