Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25713 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL25713
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL25713 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL25713 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TSL2571
LIGHT-TO-DIGITAL CONVERTER
TAOS117A − FEBRUARY 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Features
D Ambient Light Sensing (ALS)
− Approximates Human Eye Response
− Programmable Analog Gain
− Programmable Integration Time
− Programmable Interrupt Function with
Upper and Lower Threshold
− Resolution Up to 16 Bits
− Very High Sensitivity — Operates Well
Behind Darkened Glass
− Up to 1,000,000:1 Dynamic Range
D Programmable Wait Timer
− Programmable from 2.72 ms
to > 8 Seconds
− Wait State — 65
mA Typical Current
D I2C Interface Compatible
− Up to 400 kHz (I2C Fast Mode)
− Dedicated Interrupt Pin
D Small 2 mm y 2 mm ODFN Package
D Sleep Mode — 2.5 mA Typical Current
Applications
D Display Management
D Backlight Control
D Portable Device Power Optimization
D Cell Phones, PDA, GPS
D Notebooks and Monitors
D LCD TVs
Description
The TSL2571 family of devices provides ambient light sensing (ALS) that approximates human eye response
to light intensity under a variety of lighting conditions and through a variety of attenuation materials. While useful
for general purpose light sensing, the device is particularly useful for display management with the purpose of
extending battery life and providing optimum viewing in diverse lighting conditions. Display panel and keyboard
backlighting can account for up to 30 to 40 percent of total platform power. The ALS features are ideal for use
in notebook PCs, LCD monitors, flat-panel televisions, and cell phones.
Functional Block Diagram
SDA
VDD
INT
SCL
CH1
ADC
ALS Control
CH1
Data
Wait Control
CH0
ADC
CH0
Data
CH0
CH1
Upper Limit
Lower Limit
Interrupt
GND
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 NC


Similar Part No. - TSL25713

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TSL25713 OSRAM-TSL25713 Datasheet
930Kb / 39P
Light-to-Digital Converter
v1-01 2018-Mar-27
TSL25713FN OSRAM-TSL25713FN Datasheet
930Kb / 39P
Light-to-Digital Converter
v1-01 2018-Mar-27
More results

Similar Description - TSL25713

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2568 TAOS-TSL2568 Datasheet
395Kb / 36P
LIGHT-TO-DIGITAL CONVERTER
TSL2580 TAOS-TSL2580 Datasheet
354Kb / 34P
LIGHT-TO-DIGITAL CONVERTER
TSL2581 TAOS-TSL2581 Datasheet
272Kb / 32P
LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
LIGHT-TO-DIGITAL CONVERTER
TSL2571 AMSCO-TSL2571 Datasheet
706Kb / 25P
LIGHT-TO-DIGITAL CONVERTER
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
LIGHT-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
LIGHT-TO-DIGITAL CONVERTER
TSL25723FN ETC2-TSL25723FN Datasheet
282Kb / 24P
LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
Light-to-Digital Converter
2016-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com