Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT912EL-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT912EL-S16-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912EL-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT912EL-S16-R Datasheet HTML 1Page - Unisonic Technologies UT912EL-S16-R Datasheet HTML 2Page - Unisonic Technologies UT912EL-S16-R Datasheet HTML 3Page - Unisonic Technologies UT912EL-S16-R Datasheet HTML 4Page - Unisonic Technologies UT912EL-S16-R Datasheet HTML 5Page - Unisonic Technologies UT912EL-S16-R Datasheet HTML 6Page - Unisonic Technologies UT912EL-S16-R Datasheet HTML 7Page - Unisonic Technologies UT912EL-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO.,
UT912E
CMOS IC
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R502-022,B
ENCODER FOR REMOTE
CONTROLLER
DESCRIPTION
The UTC UT912E of CMOS LSIs for remote control
system applications is capable of encoding information which
consists of N address bits and 12-N data bits. Each
address/data input can be set to one of the two logic states.
The programmed addresses/data are transmitted together
with the header bits by a RF or an infrared transmission
medium upon receipt of a trigger signal.
FEATURES
* Operating voltage: 2.4V ~ 12V
* Low power and high noise immunity CMOS technology
* Low standby current (0.1μA (typ.) at VDD=5V)
* Minimum transmission word (Four words)
* Built-in oscillator needs only 5% resistor
* Data code has positive polarity
* Minimal external components
DIP-14
SOP-16
DIP-18
SOP-20
*Pb-free plating product number: UT912EL
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
UT912E-D14-T
UT912EL-D14-T
DIP-14
Tube
UT912E-D18-T
UT912EL-D18-T
DIP-18
Tube
UT912E-S16-T
UT912EL-S16-T
SOP-16
Tube
UT912E-S16-R
UT912EL-S16-R
SOP-16
Tape Reel
UT912E-S20-T
UT912EL-S20-T
SOP-20
Tube
UT912E-S20-R
UT912EL-S20-R
SOP-20
Tape Reel


Similar Part No. - UT912EL-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT912EL-S16-R UTC-UT912EL-S16-R Datasheet
152Kb / 8P
ENCODER FOR REMOTE CONTROLLER
More results

Similar Description - UT912EL-S16-R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
Encoder For Remote Controller With Five Functions CMOS IC
UT912E UTC-UT912E Datasheet
152Kb / 8P
ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT02 UTC-RCT02_15 Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E_15 Datasheet
216Kb / 6P
ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_15 Datasheet
302Kb / 9P
ENCODER FOR REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com