Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPFCD86 Datasheet(PDF) 2 Page - Champion Microelectronic Corp.

Part # CMPFCD86
Description  PFC Diode (8A/600V)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CMPFCD86 Datasheet(HTML) 2 Page - Champion Microelectronic Corp.

  CMPFCD86 Datasheet HTML 1Page - Champion Microelectronic Corp. CMPFCD86 Datasheet HTML 2Page - Champion Microelectronic Corp. CMPFCD86 Datasheet HTML 3Page - Champion Microelectronic Corp. CMPFCD86 Datasheet HTML 4Page - Champion Microelectronic Corp. CMPFCD86 Datasheet HTML 5Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMPFCD86
PFC Diode (8A/600V)
2011/09/13 Rev1.6
Champion Microelectronic Corporation
Page 2
ORDERING INFORMATION
Part Number
Temperature Range
Package
CMPFCD86GN220*
-65℃ to 175℃
TO-220AC (Pb Free)
CMPFCD86XN220*
-65℃ to 175℃
TO-220AC (HF)
CMPFCD86GN220FP*
-65℃ to 175℃
TO-220FP
*Note : G : Suffix for Pb Free Product
X : Suffix for Halogen Free
Application Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com