Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPFCD86 Datasheet(PDF) 5 Page - Champion Microelectronic Corp.

Part # CMPFCD86
Description  PFC Diode (8A/600V)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CMPFCD86 Datasheet(HTML) 5 Page - Champion Microelectronic Corp.

  CMPFCD86 Datasheet HTML 1Page - Champion Microelectronic Corp. CMPFCD86 Datasheet HTML 2Page - Champion Microelectronic Corp. CMPFCD86 Datasheet HTML 3Page - Champion Microelectronic Corp. CMPFCD86 Datasheet HTML 4Page - Champion Microelectronic Corp. CMPFCD86 Datasheet HTML 5Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CMPFCD86
PFC Diode (8A/600V)
2011/09/13 Rev1.6
Champion Microelectronic Corporation
Page 5
IMPORTANT NOTICE
Champion Microelectronic Corporation (CMC) reserves the right to make changes to its products or to discontinue any integrated
circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before
placing orders, that the information being relied on is current.
A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or
environmental damage. CMC integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use
in life-support applications, devices or systems or other critical applications.
Use of CMC products in such applications is
understood to be fully at the risk of the customer. In order to minimize risks associated with the customer’s applications, the
customer should provide adequate design and operating safeguards.
HsinChu Headquarter
Sales & Marketing
5F, No. 11, Park Avenue II,
Science-Based Industrial Park,
HsinChu City, Taiwan
21F., No. 96, Sec. 1, Sintai 5th Rd., Sijhih City,
Taipei County 22102,
Taiwan R.O.C
T E L : +886-3-567 9979
T E L : +886-2-2696 3558
F A X : +886-3-567 9909
F A X : +886-2-2696 3559
http://www.champion-micro.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com