Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3009G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3009G-TN3-R
Description  30V, 78A N-CHANNEL FAST SWITCHING POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3009G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3009G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT3009G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT3009G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT3009G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT3009
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-624.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
TC=25°C
78
A
Continuous
VGS@10V (Note 1) TC=100°C
ID
55
A
Drain Current
Pulsed (Note 2)
IDM
155
A
Avalanche Current
IAR
48
A
Single Pulsed Avalanche Energy (Note 3)
EAS
252
mJ
Power Dissipation (TC=25°C) (Note 4)
PD
53
W
Junction Temperature
TJ
-55~175
°C
Storage Temperature
TSTG
-55~175
°C
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 1)
θJA
62
°C/W
Junction to Case (Note 1)
θJC
2.8
°C/W
Notes: 1. The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2. The data tested by pulsed, pulse width ≤ 300µs, duty cycle ≤ 2%.
3. The EAS data shows Max. rating. The test condition is VDD=25V, VGS=10V, L=0.1mH, IAS=48A.
4. The power dissipation is limited by 175°C junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com