Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3009G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT3009G-TN3-R
Description  30V, 78A N-CHANNEL FAST SWITCHING POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3009G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT3009G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT3009G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT3009G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT3009G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT3009
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-624.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
30
V
Breakdown Voltage Temperature Coefficient
BV
DSS/T
J Reference to 25°C, ID=1mA
96.4
mV/°C
TJ=25°C
1
Drain-Source Leakage Current
IDSS
VDS=24V,VGS=0V
TJ=55°C
5
µA
Forward
VGS=+20V, VDS=0V
+100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
1.0
1.5
2.5
V
VGS(th) Temperature Coefficient
V
GS(TH)
VDS=VGS, ID=250µA
-6.16
mV/°C
VGS=10V, ID=30A
4.7
5.5
mΩ
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=4.5V, ID=15A
7.5
9
mΩ
Forward Transconductance
gFS
VDS=5V, ID=30A
22
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
2361
pF
Output Capacitance
COSS
315
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=15V,
f=1.0MHz
237
pF
SWITCHING PARAMETERS
Total Gate Charge (4.5V)
QG
20.8
nC
Gate to Source Charge
QGS
5.3
nC
Gate to Drain Charge
QGD
VGS=4.5V, VDS=20V,
ID=12A
10.5
nC
Gate Resistance
RG
VGS=0V, VDS=0V, f=1.0MHz
1.7
3.4
Turn-ON Delay Time
tD(ON)
7.2
9
13.5
ns
Rise Time
tR
17.3
21.6 32.4
ns
Turn-OFF Delay Time
tD(OFF)
21.3
26.6
40
ns
Fall-Time
tF
VDD=12V, VGS=10V, ID=5A,
RG=3.3Ω
8.4
10.5 15.8
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous
Current (Note 1,4)
IS
78
A
Maximum Body-Diode Pulsed Current
(Note 2, 4)
ISM
VD=VG=0V, Force Current
155
A
Drain-Source Diode Forward Voltage
(Note 2)
VSD
IS=1A, VGS=0V, TJ=25°C
1
V
Single Pulse Avalanche Energy (Note 3)
EAS
VDD=25V, L=0.1mH,
IAS=24A
63
mJ
Notes: 1. The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2. The data tested by pulsed, pulse width ≤ 300µs, duty cycle ≤ 2%.
3. The Min. value is 100% EAS tested guarantee.
4. The data is theoretically the same as ID and IDM, in real applications, should be limited by total power
dissipation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com