Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3400G-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3400G-AE3-R
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3400G-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3400G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT3400G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT3400G-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT3400
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-371.A
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
5.8
A
Pulsed Drain Current (Note 2)
IDM
30
A
Power Dissipation
PD
1.4
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2 Pulse width limited by TJ(MAX)
3. Pulse width ≤300μs, duty cycle≤0.5%.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note)
θJA
85
125
°C/W
Note: Surface mounted on 1 in
2 copper pad of FR4 board with 2oz
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS VGS =0V, ID =250µA
30
V
Drain-Source Leakage Current
IDSS
VDS =24V,VGS =0V
1
µA
Gate-Source Leakage Current
IGSS
VGS =±12V, VDS =0V
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS =VGS, ID =250µA
0.7
1.1
1.4
V
On-State Drain Current
ID(ON)
VDS =5V, VGS =4.5V
30
A
VGS =10V, ID =5.8A
22.8
28
mΩ
VGS =4.5V, ID =5A
27.3
33
mΩ
Drain to Source On-state Resistance
RDS(ON)
VGS =2.5V, ID =4 A
43.3
52
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
823
pF
Output Capacitance
COSS
99
pF
Reverse Transfer Capacitance
CRSS
VDS =15V, VGS =0V, f =1MHz
77
pF
Gate Resistance
RG
VGS =0V, VDS =0V, f =1MHz
1.2
Ω
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
5.5
ns
Turn-ON Rise Time
tR
5.1
ns
Turn-OFF Delay Time
tD(OFF)
37
ns
Turn-OFF Fall-Time
tF
VGS =10V,VDS =15V
RL =2.7Ω,RGEN =6Ω
4.2
ns
Total Gate Charge
QG
9.7
nC
Gate Source Charge
QGS
1.6
nC
Gate Drain Charge
QGD
VGS =4.5V, VDS =15V, ID =5.8A
3.1
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=1A, VGS =0V
0.71
1
V
Diode Continuous Forward Current ( Note 1)
IS
2.5
A
Reverse Recovery Time
tRR
16
ns
Reverse Recovery Charge
QRR
IF=5A, dI/dt=100A/μs
8.9
nC
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300μs, duty cycle≤0.5%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com