Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3400G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3400G-AE3-R
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3400G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3400G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT3400G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT3400G-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3400
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-371.A
N-CHANNEL ENHANCEMENT
MODE POWER MOSFET
DESCRIPTION
The UTC UT3400 is an N-ch enhancement MOSFET providing
the customers with perfect RDS(ON) and low gate charge. This device
can be operated with 2.5V low gate voltage.
The UTC UT3400 is optimized for applications, such as a load
switch or in PWM.
FEATURES
* VDS (V)=30V
* ID=5.8 A
* RDS(ON)<28mΩ @VGS=10V
RDS(ON)<33mΩ @VGS=4.5V
RDS(ON)<52mΩ @VGS=2.5V
* Halogen Free
SYMBOL
(1) Source
2. Gate
(3) Drain
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UT3400G-AE3-R
SOT-23
S
G
D
Tape Reel
MARKING
340G


Similar Part No. - UT3400G-AE3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT3400G-AE3-R VBSEMI-UT3400G-AE3-R Datasheet
492Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UT3400G-AE3-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com