Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3403 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3403
Description  -2.6 Amps, 30 Volts P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3403 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3403 Datasheet HTML 1Page - Unisonic Technologies UT3403 Datasheet HTML 2Page - Unisonic Technologies UT3403 Datasheet HTML 3Page - Unisonic Technologies UT3403 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3403
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-145.D
-2.6 Amps, 30 Volts
P-CHANNEL POWER MOSFET
DESCRIPTION
The UTC UT3403 is P-channel enhancement mode Power
MOSFET, designed with high density cell, with fast switching speed,
low on-resistance, excellent thermal and electrical capabilities and
operation with low gate voltages.
This device is suitable for use as a load switch or in PWM
applications.
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT3403L-AE2-R
UT3403G-AE2-R
SOT-23-3
S
G
D
Tape Reel
UT3403L-AE3-R
UT3403G-AE3-R
SOT-23
S
G
D
Tape Reel
MARKING
34C
L: Lead Free
G: Halogen Free


Similar Part No. - UT3403

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3403 UTC-UT3403 Datasheet
183Kb / 4P
Power MOSFET
UT3403-AE3-R UTC-UT3403-AE3-R Datasheet
183Kb / 4P
Power MOSFET
UT3403G-AE2-R UTC-UT3403G-AE2-R Datasheet
260Kb / 4P
P-CHANNEL POWER MOSFET
UT3403G-AE3-R UTC-UT3403G-AE3-R Datasheet
260Kb / 4P
P-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UT3403G-AE3-R VBSEMI-UT3403G-AE3-R Datasheet
491Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - UT3403

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06 UTC-30N06 Datasheet
154Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
MTP50P03HDL ONSEMI-MTP50P03HDL Datasheet
91Kb / 8P
Power MOSFET 50 Amps, 30 Volts, Logic Level P-Channel TO-220
July, 2006 ??Rev. 6
logo
Unisonic Technologies
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
UF9640 UTC-UF9640 Datasheet
198Kb / 5P
11 Amps, 200 Volts P-CHANNEL POWER MOSFET
UT40N03 UTC-UT40N03 Datasheet
267Kb / 5P
40 Amps, 30 Volts N-CHANNEL POWER MOSFET
UTR4502 UTC-UTR4502 Datasheet
223Kb / 4P
-1.95 Amps, -30 Volts P-CHANNEL POWER MOSFET
UTT4815 UTC-UTT4815 Datasheet
146Kb / 5P
8 Amps, -30 Volts P-CHANNEL POWER MOSFET
UT85N03 UTC-UT85N03 Datasheet
151Kb / 3P
85 Amps, 30 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com