Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT9564L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT9564L-S08-R
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT9564L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT9564L-S08-R Datasheet HTML 1Page - Unisonic Technologies UT9564L-S08-R Datasheet HTML 2Page - Unisonic Technologies UT9564L-S08-R Datasheet HTML 3Page - Unisonic Technologies UT9564L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT9564
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-390.c
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±25
V
TA=25°C
-7.3
A
Continuous Drain Current (Note 2)
TA=70°C
ID
-5.9
A
Pulsed Drain Current (Note 1)
IDM
-30
A
TO-252
2
Power Dissipation (TA=25°C)
SOP-8
PD
2.5
W
Linear Derating Factor
0.02
W/°C
Junction Temperature
TJ
-55 ~150
°C
Storage Temperature
TSTG
-55 ~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-252
62.5
Junction to Ambient (Note 2)
SOP-8
θJA
50
°C/W
1. Pulse width limited by Max. junction temperature.
Note:
2 Surface mounted on 1 in
2 copper pad of FR4 board, t ≤10sec; 125°C /W when mounted on Min. copper pad.
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-40
V
Breakdown Voltage Temperature Coefficient
BV
△
DSS/T
△ J Reference to 25°C, ID=-1mA
-0.03
V/°C
VDS=-40V, VGS=0V, TJ=25°C
-1
Drain-Source Leakage Current
IDSS
VDS=-32V, VGS=0V, TJ=70°C
-25
µA
Gate- Source Leakage Current
IGSS
VGS=±25V
±100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1
-3
V
VGS=-10V, ID=-7A
28
Static Drain-Source On-State Resistance
(Note)
RDS(ON)
VGS=-4.5V, ID=-5A
40
mΩ
Forward Transconductance
gFS
VDS=-10V, ID=-7A
13
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
2240 3600 pF
Output Capacitance
COSS
300
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-25V,
f=1.0MHz
250
pF
SWITCHING PARAMETERS
Total Gate Charge (Note)
QG
27
43
nC
Gate to Source Charge
QGS
6
nC
Gate to Drain Charge
QGD
VGS=-4.5V, VDS=-32V, ID=-7A
14
nC
Turn-ON Delay Time (Note)
tD(ON)
14
ns
Rise Time
tR
8
ns
Turn-OFF Delay Time
tD(OFF)
46
ns
Fall-Time
tF
VGS=-10V, VDS=-20V, ID=-1A,
RG=3.3Ω, RD=20Ω
17
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note)
VSD
IS=-2A, VGS=0V
-1.2
V
Reverse Recovery Time (Note)
tRR
37
ns
Reverse Recovery Charge
QRR
IS=-7A, VGS=0V,
dI/dt=100A/µs
57
nC
Note: Pulse width ≤300µs, duty cycle ≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com