Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT9564L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT9564L-S08-R
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT9564L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT9564L-S08-R Datasheet HTML 1Page - Unisonic Technologies UT9564L-S08-R Datasheet HTML 2Page - Unisonic Technologies UT9564L-S08-R Datasheet HTML 3Page - Unisonic Technologies UT9564L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT9564
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-390.c
P-CHANNEL ENHANCEMENT
MODE POWER MOSFET
DESCRIPTION
The UTC UT9564 is a P-ch enhancement mode power
MOSFET and it uses UTC perfect technology to provide customers
with fast switching, ruggedized device design, low on-resistance and
cost-effectiveness.
The UTC UT9564 is ideal for applications such as low voltage
applications, DC/DC converters and all commercial-industrial surface
mount applications.
FEATURES
* Simple Drive Requirement
* Fast Switching Speed
* Low On-Resistance
SYMBOL
TO-252
SOP-8
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
12
3456
7
8
Packing
UT9564L-TN3-R
UT9564G-TN3-R
TO-252
G D
S
-
-
-
-
- Tape Reel
UT9564L-S08-R
UT9564G-S08-R
SOP-8
S
S
S G D D D
D Tape Reel
UT9564L-S08-T
UT9564G-S08-T
SOP-8
S
S
S G D D D
D
Tube


Similar Part No. - UT9564L-S08-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT9564L-S08-R VBSEMI-UT9564L-S08-R Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results

Similar Description - UT9564L-S08-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com