Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT13243L-P28-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UT13243L-P28-R
Description  3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT13243L-P28-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UT13243L-P28-R Datasheet HTML 1Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 2Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 3Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 4Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 5Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 6Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 7Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 8Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UT13243
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-573.D
DETAILED DESCRIPTION
Charge-Pump Voltage Converter
The UTC UT13243 consists of a regulated dual charge pumps that provide output voltages of +5.5V and -5.5V,
regardless of the input voltage (VCC) changing from +3.0V to +5.5V.
The charge pumps operate in a discontinuous mode: if the output voltages are less than 5.5V, the charge pumps
are enabled; if the output voltages exceed 5.5V, the charge pumps are disabled.
Each charge pump requires a flying capacitor (C1, C2) and a reservoir capacitor (C3, C4) to generate the V+ and
V- supplies, refer to application circuit.
RS-232 Transmitters
UTC UT13243’s transmitters are inverting level translators that convert CMOS-logic levels to 5.0V EIA/TIA-232
levels. They guarantee a 120kbps data rate with worst-case loads of 3kΩ in parallel with 1000pF, providing
compatibility with PC-to-PC communication software. Typically, the UTC UT13243 can operate at data rates of
235kbps.
Transmitters can be paralleled to drive multiple receivers or mouse. When FORCEOFF is driven to ground, or
shutdown circuitry senses invalid voltage levels at all receiver inputs, the transmitters are disabled and the outputs
are forced into a high-impedance state.
RS-232 Receivers
The UTC UT13243’s receivers convert RS-232 signals to CMOS-logic output levels. All receivers have one
inverting three-state output. If the receivers is in shutdown, the outputs of receivers are high impedance.
The UTC UT13243 has an always-active complementary output (R2OUTB). R2OUTB is an extra output that monitors
receiver activity while the other receivers are high impedance. This allows Ring Indicator to be monitored without
forward biasing other devices connected to the receiver outputs. This is ideal for systems where VCC is set to 0V in
shutdown to accommodate peripherals.
Table 1. FORCEOFF Control Truth Table
FORCEOFF
T_OUT
R_OUT
R2OUTB
0
High-Z
High-Z
Active
1
Active (Note 3)
Active (Note 3)
Active
Note: 3. If the part is in shutdown mode ( FORCEOFF = VCC, FORCEON = GND), it is shutdown if no valid RS-232
levels are present on all receiver inputs.
Shutdown Function
A 1µA supply current is achieved with shutdown feature, which operates when FORCEON is low and FORCEOFF
is high. When the UTC UT13243 senses no valid signal levels on all receiver inputs for 30µs, the on-board power
supply and drivers are shut off, reducing supply current to 1µA. This occurs if the RS-232 cable is disconnected or
the connected peripheral transmitters are turned off. The system turns on again when a valid level is applied to any
RS-232 receiver input. As a result, the system saves power without changes to the existing BIOS or operating
system. INVALID indicates the receiver inputs’ condition, when using shutdown function, the INVALID output is high
when the device is on and low when the device is shut down.
Table 2. Shutdown Logic Control Truth Table
RS-232 SIGNAL AT
RECEIVER INPUT
FORCEOFF
INPUT
FORCEON
INPUT
INVALID
OUTPUT
TRANSCEIVER STATUS
Yes
H
X
H
Normal Operation
No
H
H
L
Normal Operation (Forced On)
No
H
L
L
Shutdown
Yes
L
X
H
Shutdown (Forced Off)
No
L
X
L
Shutdown (Forced Off)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com