Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT13243L-P28-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UT13243L-P28-R
Description  3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT13243L-P28-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UT13243L-P28-R Datasheet HTML 1Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 2Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 3Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 4Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 5Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 6Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 7Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 8Page - Unisonic Technologies UT13243L-P28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UT13243
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-573.D
TYPICAL APPLICATION CIRCUIT
UTC
UT13243
SHUTDOWN
5kΩ
5kΩ
5kΩ
5kΩ
5kΩ
T1IN
T2IN
T3IN
T1OUT
T2OUT
T3OUT
FORCEOFF
FORCEON
INVALID
R2OUTB
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
R1IN
R2IN
R2IN
R4IN
R5IN
C1+
C1-
C2+
C2-
C1
C2
V+
V-
C3
C4
CBYPASS
VCC
GND
3.0V~5.5V
RS-232
INPUTS
RS-232
OUTPUTS
LOGIC
OUTPUTS
LOGIC
INPUTS
TO POWER
MANAGEMENT
UNIT
VCC
GND
T1
T2
T3
R2B
R1
R2
R3
R4
R5
Fig.3 Application Circuit
Table 3. Required Capacitor Value
VCC (V)
C1 (µF)
C2, C3, C4 (µF)
CBYPASS (µF)
3.0~3.6
0.1
0.1
0.1
4.5~5.5
0.047
0.33
0.33
3.0~5.5
0.1
0.47
0.47



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com