Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT13243G-P28-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT13243G-P28-R
Description  3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT13243G-P28-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UT13243G-P28-R Datasheet HTML 1Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 2Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 3Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 4Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 5Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 6Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 7Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 8Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UT13243
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-573.D
ELECTRICAL CHARACTERISTICS(Cont.)
(VCC = +3.0V~+5.5V, C1~C4=0.1µF (Note 2), TA = TMIN to TMAX, Unless Otherwise Specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Receiver Positive or
Negative Threshold to
INVALID
High
tINVH
Fig.2
1
µs
Low
tINVL
30
µs
RECEIVER INPUTS
Input Voltage Range
VRR
-25
25
V
Input Threshold Low
VRINL
TA = 25°C
VCC=3.3V
0.6
1.2
V
VCC=5.0V
0.8
1.5
Input Threshold High
VRINH
TA = 25°C
VCC=3.3V
1.5
2.4
V
VCC=5.0V
1.8
2.4
Input Hysteresis
VRINHYS
0.3
V
Input Resistance
VRINRES TA = 25°C
3
5
7
kΩ
TRANSMITTER OUTPUTS
Output Voltage Swing
VTOUTSW
All transmitter outputs loaded with
3kΩ to ground
±5.0
±5.4
V
Output Resistance
VTOUTRES
VCC = V+ = V- = 0V,
Transmitter output = ±2V
300
10M
Ω
Output Short-Circuit Current
ITSC
±35
±60
mA
Output Leakage Current
ITOUT(LK)
VOUT=±12V, VCC=0V or 3.0V~ 5.5V,
Transmitters disabled
±25
µA
MOUSE DRIVABILITY
Transmitter Output Voltage
VTOUT
T1IN = T2IN = GND, T3IN = VCC,
T3OUT loaded with 3kΩ to GND,
T1OUT and T2OUT loaded with 2.5mA each
±5
V
TIMING CHARACTERISTICS
Maximum Data Rate
DR
RL = 3kΩ, CL = 1000pF,
one transmitter switching
120
235
kbps
Receiver Propagation Delay
tPHL
Receiver input to receiver output,
CL = 150pF
0.3
µs
tPLH
0.3
Receiver Output Time
Enable
tR(EN)
Normal operation
200
ns
Disable
tR(DIS)
200
ns
Transmitter Skew
tTS
|tPHL – tPLH| 
200
1000
ns
Receiver Skew
tRS
|tPHL – tPLH|  
100
500
ns
Transition-Region Slew Rate
SR
VCC=3.3V, TA=25°C,
RL = 3kΩ ~ 7kΩ,
measured from +3V
~ -3V or -3V ~ +3V
CL = 200pF~2500pF
4
8.0
30
V/µs
CL = 200pF~1000pF
6
30
Notes: 1. Typical values are at TA = 25°C.
2. C1~C4 = 0.1µF, measured at 3.3V ±10%. C1 = 0.047µF, C2~C4 = 0.33µF, measured at 5.0V ±10%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com