Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT13243G-P28-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UT13243G-P28-R
Description  3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT13243G-P28-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UT13243G-P28-R Datasheet HTML 1Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 2Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 3Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 4Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 5Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 6Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 7Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 8Page - Unisonic Technologies UT13243G-P28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UT13243
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-573.D
DETAILED DESCRIPTION(Cont.)
Table 2 summarizes the UTC UT13243 operating modes. FORCEON and FORCEOFF override the automatic
circuitry and force the transceiver into its normal operating state or into its low-power standby state. When neither
control is asserted, the IC selects between these states automatically based on receiver input levels.
0V
+0.3V
+2.7V
-0.3V
-2.7V
Transmitters Enabled, INVALID High
Shutdown, Transmitters Disabled,
1µA Supply Current, INVALID Low
Transmitters Enabled, INVALID High
Indeterminate
Indeterminate
Fig.1 Shutdown Input Levels
When shutdown, the UTC UT13243’s charge pumps are turned off, V+ decays to VCC, V- decays to ground, the
transmitter outputs are disabled (high impedance). The time required to exit shutdown is typically 100µs.
Fig.2 Shutdown Input Timing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com