Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC4013L-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTC4013L-P14-R
Description  DAUL D-TYPE FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC4013L-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTC4013L-P14-R Datasheet HTML 1Page - Unisonic Technologies UTC4013L-P14-R Datasheet HTML 2Page - Unisonic Technologies UTC4013L-P14-R Datasheet HTML 3Page - Unisonic Technologies UTC4013L-P14-R Datasheet HTML 4Page - Unisonic Technologies UTC4013L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC4013
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-543.c
A.C. CHARACTERISTICS (VSS=0, TA=25℃, CL=50pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD=5V
70
200
VDD=10V
35
100
Low to High
tTLH
VDD=15V
30
80
VDD=5V
70
200
VDD=10V
35
100
Output Transition Time
High to Low
tTHL
VDD=15V
30
80
VDD=5V
130
300
VDD=10V
65
130
Propagation Delay Time
(CK – Q, Q )
tpLH
tpHL
VDD=15V
50
90
VDD=5V
110
300
VDD=10V
50
130
tpLH
VDD=15V
40
90
VDD=5V
110
300
VDD=10V
50
130
Propagation Delay Time
(SET, RESET – Q, Q )
tpHL
VDD=15V
40
90
ns
VDD=5V
3.5
8.0
VDD=10V
8.0
16.0
Max. Clock Frequency
fCL
VDD=15V
12.0
20.0
MHz
VDD=5V
VDD=10V
Max. Clock Input Rise Time
trCL
VDD=15V
No Limit
μs
VDD=5V
VDD=10V
Max. Clock Input Fall Time
tfCL
VDD=15V
No Limit
μs
VDD=5V
60
180
VDD=10V
30
80
Min. Pulse Width (SET, RESET)
tW
VDD=15V
25
50
VDD=5V
60
140
VDD=10V
30
60
Min. Clock Pulse Width
tW
VDD=15V
25
40
ns
VDD=5V
40
VDD=10V
20
Min. Set-up Time (DATA - CK)
tsu
VDD=15V
15
VDD=5V
20
40
VDD=10V
10
20
Min. Hold Time (DATA-CK)
tH
VDD=15V
6
15
VDD=5V
40
VDD=10V
20
Min. Removal Time
(SET, RESET-CK)
trem
VDD=15V
15
ns
Input Capacitance
CIN
5
7.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com