Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC4013L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC4013L-P14-R
Description  DAUL D-TYPE FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC4013L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC4013L-P14-R Datasheet HTML 1Page - Unisonic Technologies UTC4013L-P14-R Datasheet HTML 2Page - Unisonic Technologies UTC4013L-P14-R Datasheet HTML 3Page - Unisonic Technologies UTC4013L-P14-R Datasheet HTML 4Page - Unisonic Technologies UTC4013L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTC4013
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-543.c
DAUL D-TYPE FLIP-FLOP
DESCRIPTION
The UTC4013 is a dual D-type flip-flop which has two
independent circuits and each flip-flop features independent
data, set, reset, and clock inputs and outputs. The input level
applied to DATA input are transferred to Q and Q output by
rising edge of the clock pulse. When SET input is “H”, and
RESET input is “L”, outputs become Q=”H” and Q =”L”. When
SET input is “L” and RESET input is “H”, outputs become
Q=”L” and Q =”H”. When both SET input and RESET input
are at “H”, outputs become Q=”H” and Q =”H”.
FEATURES
* Power supply voltage 3V to 18V
* Maximum Input Current of 1uA at 18V Over Full Package
Temperature
* Maximum quiescent supply current is 4μA
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UTC4013L-S14-R
UTC4013G-S14-R
SOP-14
Tape Reel
UTC4013L-P14-R
UTC4013G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - UTC4013L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC4013G-P14-R UTC-UTC4013G-P14-R Datasheet
217Kb / 5P
DAUL D-TYPE FLIP-FLOP
UTC4013G-S14-R UTC-UTC4013G-S14-R Datasheet
217Kb / 5P
DAUL D-TYPE FLIP-FLOP
UTC4013 UTC-UTC4013_15 Datasheet
217Kb / 5P
DAUL D-TYPE FLIP-FLOP
More results

Similar Description - UTC4013L-P14-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
OCTAL D TYPE FLIP FLOP
Feb-1993
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
Octal D-Type Flip-Flop
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
Unisonic Technologies
UTC4013 UTC-UTC4013_15 Datasheet
217Kb / 5P
DAUL D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com