Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC4424L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC4424L-S16-R
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC4424L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC4424L-S16-R Datasheet HTML 1Page - Unisonic Technologies UTC4424L-S16-R Datasheet HTML 2Page - Unisonic Technologies UTC4424L-S16-R Datasheet HTML 3Page - Unisonic Technologies UTC4424L-S16-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTC4424
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-566.b
3A Dual High-Speed Power
MOSFET Drivers
DESCRIPTION
The UTC4424 contains two independent 3A buffers which
perform the function OUT=IN in positive logic.
FEATURES
* High Peak Output Current: 3A
* Power supply voltage: 4.5V to 18V
* High Capacitive Load Drive Capability: 1800pF in 25 ns
* Short Delay Times: <40 ns (typ)
* Low Supply Current:
With Logic ‘H’ Input ---3.5mA(Max)
With Logic ‘L’ Input ---350uA(Max)
* Low Output Impedance: 3.5Ω(typ)
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UTC4424L-S16-R
UTC4424G-S16-R
SOP-16
Tape Reel


Similar Part No. - UTC4424L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC4013 UTC-UTC4013 Datasheet
198Kb / 5P
DAUL D-TYPE FLIP-FLOP
UTC4013G-P14-R UTC-UTC4013G-P14-R Datasheet
198Kb / 5P
DAUL D-TYPE FLIP-FLOP
UTC4013G-P14-R UTC-UTC4013G-P14-R Datasheet
217Kb / 5P
DAUL D-TYPE FLIP-FLOP
UTC4013G-S14-R UTC-UTC4013G-S14-R Datasheet
198Kb / 5P
DAUL D-TYPE FLIP-FLOP
UTC4013G-S14-R UTC-UTC4013G-S14-R Datasheet
217Kb / 5P
DAUL D-TYPE FLIP-FLOP
More results

Similar Description - UTC4424L-S16-R

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2005
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com