Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD484-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTD484-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD484-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTD484-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTD484
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-207.A
TYPICAL CHARACTERISTICS
0.6
1.6
1.4
1.2
1
0.8
0
25 50 75 100 125 150 175
20
16
12
8
4
0
0
5
10
15
20
25
Junction Temperature (°С)
Drain Current,ID (A)
On-Resistance vs. Junction Temperature
On-Resistance vs. Drain Current and
Gate Voltage
VGS=4.5V
VGS=10V
-50
-25
VGS=10V
ID=20A
VGS=4.5V
ID=15A
Pulse width ≤80μs,
duty cycle ≤0.5%.
Pulse width ≤80μs,
duty cycle ≤0.5%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com