Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD484-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTD484-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD484-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTD484-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTD484-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTD484
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-207.A
N-CHANNEL ENHANCEMENT
MODE FIELD EFFECT
TRANSISTOR
DESCRIPTION
The UTD484 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in PWM
applications.
FEATURES
* RDS(ON) = 15mΩ @VGS = 10 V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
*Pb-free plating product number: UTD484L
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UTD484-TN3-R
UTD484L-TN3-R
TO-252
G
D
S
Tape Reel
UTD484-TN3-T
UTD484L-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UTD484-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTD484G-K08-3030-R UTC-UTD484G-K08-3030-R Datasheet
331Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UTD484G-TN3-R UTC-UTD484G-TN3-R Datasheet
331Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UTD484G-TN3-T UTC-UTD484G-TN3-T Datasheet
331Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UTD484L-TN3-R UTC-UTD484L-TN3-R Datasheet
331Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UTD484L-TN3-T UTC-UTD484L-TN3-T Datasheet
331Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - UTD484-TN3-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com