Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM770 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LSM770
Description  Mini TOPLED RG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSM770 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LSM770 Datasheet HTML 1Page - Siemens Semiconductor Group LSM770 Datasheet HTML 2Page - Siemens Semiconductor Group LSM770 Datasheet HTML 3Page - Siemens Semiconductor Group LSM770 Datasheet HTML 4Page - Siemens Semiconductor Group LSM770 Datasheet HTML 5Page - Siemens Semiconductor Group LSM770 Datasheet HTML 6Page - Siemens Semiconductor Group LSM770 Datasheet HTML 7Page - Siemens Semiconductor Group LSM770 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
11.96
Besondere Merkmale
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (12-mm-Filmgurt)
q
Störimpulsfest nach DIN 40839
Features
q
color of package: white
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (12 mm tape)
q
load dump resistant acc. to DIN 40839
Mini TOPLED® RG
LS M770, LO M770, LY M770
LG M770, LP M770


Similar Part No. - LSM770

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LSM776-MQ SIEMENS-LSM776-MQ Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LSM776-N SIEMENS-LSM776-N Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LSM776-NR SIEMENS-LSM776-NR Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LSM776-P SIEMENS-LSM776-P Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
More results

Similar Description - LSM770

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
LC Mini TOPLED RG Low Current LED
LST770 SIEMENS-LST770 Datasheet
493Kb / 8P
TOPLED RG
logo
OSRAM GmbH
LP-T776-L1M2-25-Z OSRAM-LP-T776-L1M2-25-Z Datasheet
429Kb / 19P
TOPLED RG
LS-T776-Q1R2-1-Z OSRAM-LS-T776-Q1R2-1-Z Datasheet
434Kb / 19P
TOPLED RG
LW-T773-P1S1-5K8L OSRAM-LW-T773-P1S1-5K8L Datasheet
453Kb / 21P
TOPLED RG
LAT776 OSRAM-LAT776 Datasheet
434Kb / 19P
TOPLED RG
LST77K OSRAM-LST77K Datasheet
457Kb / 19P
TOPLED RG
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
TOPLED RG
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
TOPLED RG
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com